| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3371 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3371 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 45 page ![]() RTC firmware driver API AN3371 40/45 Doc ID 018624 Rev 5 11 RTC backup registers functions RTC_WriteBackupRegis ter Writes data in a specified RTC backup data register. Yes Yes Yes Yes Yes Yes RTC_ReadBackupRegis ter Reads data from the specified RTC backup data register. Yes Yes Yes Yes Yes Yes 12 RTC tamper, timestamp pins selection functions RTC_OutputTypeConfig Configures the RTC output pin mode (OpenDrain / PushPull). Yes Yes Yes Yes Yes Yes RTC_TimeStampPinSel ection Selects the RTC time-stamp pin. Yes Yes RTC_TamperPinSelecti on Selects the RTC tamper pin. Yes Yes 13 RTC Shift control synchronization RTC_SynchroShiftConfi g Configures the synchronization shift control settings. Yes Yes Yes Yes 14 RTC flags and interrupts functions RTC_ITConfig Enables or disables the specified RTC interrupts. Yes Yes Yes Yes Yes Yes RTC_GetFlagStatus Checks whether the specified RTC flag is set or not. Yes Yes Yes Yes Yes Yes RTC_ClearFlag Clears the RTC pending flags. Yes Yes Yes Yes Yes Yes RTC_GetITStatus Checks whether the specified RTC interrupt has occurred or not. Yes Yes Yes Yes Yes Yes RTC_ClearITPendingBit Clears the RTC interrupt pending bits. Yes Yes Yes Yes Yes Yes Table 16. RTC function groups (continued) Group ID Function name Description ULPM density ULPH density F0 series F2 series F3 series F4 series |