| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3371 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3371 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 45 page ![]() RTC firmware driver API AN3371 36/45 Doc ID 018624 Rev 5 3.1.8 Backup data registers configuration To write to the RTC backup data registers, use the RTC_WriteBackupRegister() function. To read the RTC backup data registers, use the RTC_ReadBackupRegister() function. 3.2 Function groups and description The STM32 RTC driver can be divided into 14 function groups related to the functions embedded in the RTC peripheral. ● RTC configuration to the default reset state ● RTC initialization and configuration functions ● RTC time and date configuration functions ● RTC alarm configuration functions ● RTC wakeup timer configuration functions ● RTC daylight saving configuration functions ● RTC output pin configuration functions ● RTC digital calibration (coarse and smooth) configuration functions ● RTC time-stamp configuration functions ● RTC Tamper configuration functions ● RTC backup registers configuration functions ● RTC tamper, time-stamp pin selection ● RTC shift control synchronization function ● RTC flags and IT management functions Table 16. RTC function groups Group ID Function name Description ULPM density ULPH density F0 series F2 series F3 series F4 series 1 Function used to set the RTC configuration to the default reset state RTC_DeInit Deinitializes the RTC registers to their default reset values. Yes Yes Yes Yes Yes Yes |