Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3364 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN3364
Description  Migration and compatibility guidelines for STM32 microcontroller applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3364 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN3364 Datasheet HTML 1Page - STMicroelectronics AN3364 Datasheet HTML 2Page - STMicroelectronics AN3364 Datasheet HTML 3Page - STMicroelectronics AN3364 Datasheet HTML 4Page - STMicroelectronics AN3364 Datasheet HTML 5Page - STMicroelectronics AN3364 Datasheet HTML 6Page - STMicroelectronics AN3364 Datasheet HTML 7Page - STMicroelectronics AN3364 Datasheet HTML 8Page - STMicroelectronics AN3364 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN3364
How to migrate across STM32 series
Doc ID 018608 Rev 3
5/17
●
STM32L1: Designed for ultra-low-power applications that are energy-aware and seek
to achieve the absolute lowest power consumption. The L1 series maintains
compatibility with the F1 series.
–
Medium density devices are STM32L151xx and STM32L152xx microcontrollers
where the Flash memory density ranges between 64 and 128 Kbytes.
–
Medium+ density devices are STM32L151xx, STM32L152xx and STM32L162xx
microcontrollers where the Flash memory density is 256 Kbytes.
–
High density devices are STM32L151xx, STM32L152xx and STM32L162xx
microcontrollers where the Flash memory density is 384 Kbytes.
In the rest of this document (unless otherwise specified),
–
the terms F0, STM32F0 and STM32F0xx are used to refer to the STM32F0 series
–
the terms F1, STM32F1 and STM32F10x are used to refer to the STM32F1 series
–
the terms F2, STM32F2 and STM32F2xx are used to refer to the STM32F2 series
–
the terms F4, STM32F4 and STM32F4xx are used to refer to the STM32F4 series
–
the terms L1, STM32L1 and STM32L1xx are used to refer to the STM32L1 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17