| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3364 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3364 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 17 page ![]() AN3364 How to migrate across STM32 series Doc ID 018608 Rev 3 11/17 Table 3. STM32 peripheral compatibility analysis F1 versus F2 series Peripheral F1 series F2 series Compatibility Comments Pinout SW compatibility FSMC Yes Yes Same features Identical Full compatibility WWDG Yes Yes Same features NA Full compatibility IWDG Yes Yes Same features NA Full compatibility DBGMCU Yes Yes Same features NA Full compatibility CRC Yes Yes Same features NA Full compatibility EXTI Yes Yes Same features Identical Full compatibility CAN Yes Yes Same features Identical Full compatibility PWR Yes Yes+ Enhancement NA Full compatibility for the same feature RCC Yes Yes+ Enhancement NA Partial compatibility SPI Yes Yes+ TI mode / Max baudrate Identical Full compatibility for the same feature USART Yes Yes+ Limitation fix / Max baudrate / One Sample Bit / Oversampling by 8 Identical Full compatibility for the same feature I2C Yes Yes+ Limitation fix Identical Full compatibility for the same feature TIM Yes Yes+ 32-bit Counter in TIM2 and TIM5 Identical Full compatibility for the same feature DAC Yes Yes+ DMA underrun interrupt Identical Full compatibility for the same feature Ethernet Yes Yes+ IEEE1588 v2 / Enhanced DMA descriptor Identical Full compatibility for the same feature SDIO Yes Yes+ Limitation fix Identical Full compatibility for the same feature USB OTG FS Yes Yes+ - Dynamic trimming capability of SOF framing period in Host mode - Embeds a VBUS sensing control Identical Full compatibility for the same feature RTC Yes Yes++ New peripheral Identical for the same feature Not compatible ADC Yes Yes++ New peripheral Identical for the same feature Partial compatibility FLASH Yes Yes++ New peripheral NA Not compatible DMA Yes Yes++ New peripheral NA Not compatible |