| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3364 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3364 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() AN3364 How to migrate across STM32 series Doc ID 018608 Rev 3 13/17 I2C Yes Yes+ Bug fix Identical Full compatibility TIM Yes Yes+ 32-bit Counter in TIM2 and TIM5 Identical Full compatibility DAC Yes Yes+ DMA underrun interrupt Identical Full compatibility Ethernet Yes Yes+ IEEE1588 v2 / Enhanced DMA descriptor Identical Full compatibility SDIO Yes Yes+ Bug fix Identical Full compatibility USB OTG FS Yes Yes+ - Dynamic trimming capability of SOF framing period in Host mode - Embeds a VBUS sensing control Identical Full compatibility RTC Yes Yes++ New peripheral Identical for the same feature New driver ADC Yes Yes++ New peripheral Identical for the same feature Partial compatibility FLASH Yes Yes++ New peripheral NA Partial compatibility DMA Yes Yes++ New peripheral NA Partial compatibility GPIO Yes Yes++ New peripheral Identical Partial compatibility CEC Yes NA NA NA NA USB FS Device Yes NA NA NA NA Crypto/hash processor NA Yes NA NA NA RNG NA Yes NA NA NA DCMI NA Yes NA NA NA USB OTG HS NA Yes NA NA NA SYSCFG NA Yes NA NA NA Table 4. STM32 peripheral compatibility analysis F1 versus F4 series (continued) Peripheral F1 series F4 series Compatibility Comments Pinout SW compatibility Color key: = New feature or new architecture (Yes++) = Same feature, but specification change or enhancement (Yes+) = Feature not available (NA) |