Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3307 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN3307 Datasheet HTML 1Page - STMicroelectronics AN3307 Datasheet HTML 2Page - STMicroelectronics AN3307 Datasheet HTML 3Page - STMicroelectronics AN3307 Datasheet HTML 4Page - STMicroelectronics AN3307 Datasheet HTML 5Page - STMicroelectronics AN3307 Datasheet HTML 6Page - STMicroelectronics AN3307 Datasheet HTML 7Page - STMicroelectronics AN3307 Datasheet HTML 8Page - STMicroelectronics AN3307 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AN3307
Package variation overview
Doc ID 18186 Rev 4
5/37
1
Package variation overview
The STM32F0xx package is based on Cortex Microcontroller Software Interface Standard
(CMSIS) and STM32F0xx Standard peripheral library V1.0.0 published by ST. It supports
STM32F050xx microcontrollers where the Flash memory density ranges between 32 and
64 Kbytes.
The STM32F10x package is based on CMSIS and STM32F10x Standard peripheral library
V3.5.0 published by ST. Available configurations support the following devices in the
STM32F10x family in range of this Standard peripheral library revision:
■ Low, medium and high density Performance line devices
■ Low, medium and high density Access line devices
■ Low, medium and high density Value Line devices
The STM32F3xx package is based on CMSIS, STM32F30x and STM32F37x Standard
peripheral libraries V0.1.0 published by ST. It supports STM32F30x and STM32F37x
microcontrollers where the Flash memory density ranges between 64 and 256 Kbytes.
These associated firmware packages are available upon request only. Please contact your
local ST sales office for more information.
Two projects have been prepared and tested for each package under IAR/EWARM™
version 6.40 and KEIL™/MDK-ARM™ version 4.50 environment and toolchains.
For more EMC information please refer to the following related application notes:
●
AN1015 application note, Software techniques for improving microcontroller EMC
performance
●
AN1709 application note, EMC design guide.
For more detailed information about cyclic redundancy check calculation (CRC) please refer
to the following related application note:
●
AN4187: Using the CRC peripheral in STM32 family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37