Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3307 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 19Page - STMicroelectronics AN3307 Datasheet HTML 20Page - STMicroelectronics AN3307 Datasheet HTML 21Page - STMicroelectronics AN3307 Datasheet HTML 22Page - STMicroelectronics AN3307 Datasheet HTML 23Page - STMicroelectronics AN3307 Datasheet HTML 24Page - STMicroelectronics AN3307 Datasheet HTML 25Page - STMicroelectronics AN3307 Datasheet HTML 26Page - STMicroelectronics AN3307 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN3307
Class B solution structure
Doc ID 18186 Rev 4
23/37
5.2.1
CPU startup self-test
The CPU startup self-test tests the core flags, registers and stack pointers for correct
functionality. If any error is found, it jumps directly to the Fail Safe routine. The source files
are written in assembly , and there are two different files for the IAR and KEIL development
environments. The structure is given in Figure 7.
Figure 7.
CPU startup self-test structure
MS18594V1
Test Flags
Test R0
Test link register R14
Test R1to R12
Test OK
Fail Safe routine
Fail
Fail
Fail
Fail
Verify ramp pattern R 0 to R 12
Test Process Stack Pointer
Test Stack Pointer R13
Fail
Fail
Fail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37