Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3261 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN3261
Description  The Smart Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3261 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN3261 Datasheet HTML 1Page - STMicroelectronics AN3261 Datasheet HTML 2Page - STMicroelectronics AN3261 Datasheet HTML 3Page - STMicroelectronics AN3261 Datasheet HTML 4Page - STMicroelectronics AN3261 Datasheet HTML 5Page - STMicroelectronics AN3261 Datasheet HTML 6Page - STMicroelectronics AN3261 Datasheet HTML 7Page - STMicroelectronics AN3261 Datasheet HTML 8Page - STMicroelectronics AN3261 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN3261
Typical application diagrams
Doc ID 17837 Rev 1
5/17
2
Typical application diagrams
The STM65xx family of Smart Reset™ products provides a broad variety of options for
various types of applications.
2.1
Single-button reset
The STM65xx devices allow for different reset input configurations. In simple applications,
only one input reset button with delayed reset may be sufficient. In this case, for product
options without internal input pull-up resistors, SR0 and SR1 can be either connected
together or the unused SR input permanently grounded. In the case of a product version
with internal input pull-up resistors, just connect the inputs together. Permanent grounding
of the unused SR input would, in this case, cause a continuous current to flow through the
pull-up resistor from VCC to VSS.
Figure 1.
Single-button Smart Reset™ typical application diagram, with “early-
warning” feature, STM6503
1.
Early warning feature: the input reset push-button can be also used as an early warning to the processor
(through the interrupt input) that a reset may come after the tSRC reset setup delay.
SR0
TSR
SR1
RST
VSS
VCC
INT/
NMI
VSS
PUSH-BUTTON
SWITCH
MCU
RESET
STM6503
VCC
VCC
Early
warning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17