Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3261 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3261
Description  The Smart Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3261 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3261 Datasheet HTML 7Page - STMicroelectronics AN3261 Datasheet HTML 8Page - STMicroelectronics AN3261 Datasheet HTML 9Page - STMicroelectronics AN3261 Datasheet HTML 10Page - STMicroelectronics AN3261 Datasheet HTML 11Page - STMicroelectronics AN3261 Datasheet HTML 12Page - STMicroelectronics AN3261 Datasheet HTML 13Page - STMicroelectronics AN3261 Datasheet HTML 14Page - STMicroelectronics AN3261 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN3261
Demonstration boards, promotion tools
Doc ID 17837 Rev 1
11/17
3
Demonstration boards, promotion tools
A complete set of demonstration/promotion tools is available for various purposes, from
easy, high-level application functional demonstration, down to tools for detailed testing.
These tools are based on the STM6503 as the primary representative of the Smart Reset™
family, as the basic Smart Reset™ functionality is common.
3.1
STM6503 demonstration board
Purpose
The demonstration board serves as a functional demonstration of the Smart Reset™
devices and the easily accessible test points provide for basic measurements and testing.
Figure 7.
Smart Reset™ demonstration board, STM6503
●
Simultaneous push of the SR0 and SR1 buttons is indicated by an LED
●
LED and audible indication of the reset pulse after tSRC reset delay
●
Test points available for easy tracking of the Smart Reset™ signals
●
Jumper-selectable Smart Reset™ delay (2/6/10 seconds minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17