Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3261 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN3261
Description  The Smart Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3261 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN3261 Datasheet HTML 8Page - STMicroelectronics AN3261 Datasheet HTML 9Page - STMicroelectronics AN3261 Datasheet HTML 10Page - STMicroelectronics AN3261 Datasheet HTML 11Page - STMicroelectronics AN3261 Datasheet HTML 12Page - STMicroelectronics AN3261 Datasheet HTML 13Page - STMicroelectronics AN3261 Datasheet HTML 14Page - STMicroelectronics AN3261 Datasheet HTML 15Page - STMicroelectronics AN3261 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Demonstration boards, promotion tools
AN3261
12/17
Doc ID 17837 Rev 1
3.2
STM65xx interposer boards
Purpose
The dedicated interposer PC boards were created for each STM65xx Smart Reset™ device
for a quick and flexible application/testing setup preparation. The boards include labels on
each pin for easy identification. The pitch of the interposer pins easily fits into a breadboard
and allows a very flexible application setup testing, or soldering wires for external
connections (to a tester for example).
Figure 8.
The STM65xx interposer boards; a dedicated board is available for each
STM65xx Smart Reset™ device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17