| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3240 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3240 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 32 page ![]() AN3240 Demonstration kit composition Doc ID 17689 Rev 1 29/32 6.3 Method 3 (LabView interface - use of the HSDIO PCB connector) The user, who has the possibility of using LabView equipment, as shown in Figure 28, can evaluate the STHV748 detailed functions. Figure 28. LabView equipment used to develop the STHV749 In this case, customized software has been developed (STHV748.vi) to manage all channels in such a way as to test them in several working conditions (see the PC display - Figure 29). In the case of the user having the LabView chain, previously mentioned, it's possible to connect the PCB demo to the LabView system through a PCB connector shown in Figure 30. |