Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3240 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 14Page - STMicroelectronics AN3240 Datasheet HTML 15Page - STMicroelectronics AN3240 Datasheet HTML 16Page - STMicroelectronics AN3240 Datasheet HTML 17Page - STMicroelectronics AN3240 Datasheet HTML 18Page - STMicroelectronics AN3240 Datasheet HTML 19Page - STMicroelectronics AN3240 Datasheet HTML 20Page - STMicroelectronics AN3240 Datasheet HTML 21Page - STMicroelectronics AN3240 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Demonstration kit composition
AN3240
18/32
Doc ID 17689 Rev 1
6
Demonstration kit composition
There are essentially 3 methods to drive the STHV748 demo board, for each of them the
user must connect a custom PCB adapter, via the C1 connector, to drive the IC pulser.
6.1
Method 1 (flexible - based on BNC PCB adapter)
In this case, the demo board, described in Section 3, is being connected up, via the C1
connector, to a custom PCB adapter with 8 BNC connectors. A couple of BNC are dedicated
to IN1 and IN2 for each channel and usable for the external waveforms generator. In
addition, 2 switches are dedicated to connecting IN3 and IN4 to 0V or VDD, in accordance
with the truth table (see Table 2 and Figure 8). The composition of the demonstration kit is
shown in Figure 7 and 9.
Figure 7.
Demonstration kit composition (PCB demo plus BNC PCB adapter)
Figure 8.
PCB adapter image, top layout and top schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32