Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3240 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 24Page - STMicroelectronics AN3240 Datasheet HTML 25Page - STMicroelectronics AN3240 Datasheet HTML 26Page - STMicroelectronics AN3240 Datasheet HTML 27Page - STMicroelectronics AN3240 Datasheet HTML 28Page - STMicroelectronics AN3240 Datasheet HTML 29Page - STMicroelectronics AN3240 Datasheet HTML 30Page - STMicroelectronics AN3240 Datasheet HTML 31Page - STMicroelectronics AN3240 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Demonstration kit composition
AN3240
28/32
Doc ID 17689 Rev 1
Figure 26.
CW mode HVP1=10 V HVM1=-10 V 100
Ω//300 pF
Figure 27.
PC mode HVP0=60 V HVM0=-60 V 100
Ω//300 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32