Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3236 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3236
Description  Guidelines to increase the number of touch sensing touchkeys
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3236 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3236 Datasheet HTML 7Page - STMicroelectronics AN3236 Datasheet HTML 8Page - STMicroelectronics AN3236 Datasheet HTML 9Page - STMicroelectronics AN3236 Datasheet HTML 10Page - STMicroelectronics AN3236 Datasheet HTML 11Page - STMicroelectronics AN3236 Datasheet HTML 12Page - STMicroelectronics AN3236 Datasheet HTML 13Page - STMicroelectronics AN3236 Datasheet HTML 14Page - STMicroelectronics AN3236 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
AN3236
14/15
DocID17613 Rev 3
7
Revision history
Table 3. Document revision history
Date
Revision
Changes
18-Jun-2010
1
Initial release.
18-Nov-2013
2
Added support for STM32F0, STM32F3, STM32L1, STM8AF series
and STM8L162 lines.
Updated Section 1: Adding an extra touchkey.
UpdatedSection 3: Touchkey matrix.
Updated Section 4: Maximizing the number of touchkeys.
Updated Section 5: Working around the limitations.
Removed paragraph “Maximum touchkey matrix size by product”.
Updated Section 6: Conclusion.
28-May-2014
3
Added support for STM32L0 series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15