Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3236 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN3236
Description  Guidelines to increase the number of touch sensing touchkeys
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3236 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN3236 Datasheet HTML 5Page - STMicroelectronics AN3236 Datasheet HTML 6Page - STMicroelectronics AN3236 Datasheet HTML 7Page - STMicroelectronics AN3236 Datasheet HTML 8Page - STMicroelectronics AN3236 Datasheet HTML 9Page - STMicroelectronics AN3236 Datasheet HTML 10Page - STMicroelectronics AN3236 Datasheet HTML 11Page - STMicroelectronics AN3236 Datasheet HTML 12Page - STMicroelectronics AN3236 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID17613 Rev 3
9/15
AN3236
Touchkey matrix
14
3
Touchkey matrix
In some applications, adding one touchkey by electrode pairs is not enough and building an
electrode network to get a touchkey matrix is more efficient.
3.1
Matrix hardware implementation
The double-ended electrode solution can be extended to create an electrode network as
shown in Figure 4: Matrix hardware implementation example
Figure 4. Matrix hardware implementation example
In this implementation example, seven channels provide a touchkey matrix of12 touchkeys.
Each touchkey is generated by interlacing a channel row with a channel column. For
example, touchkey 1 is generated by interlacing Ch1 with Ch4. It is recommended to have
homogenous sized touchkeys so that each touchkey has the same sensitivity. This
simplifies the threshold setup and acquisition can be achieved using the same sampling
capacitor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15