Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3236 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3236
Description  Guidelines to increase the number of touch sensing touchkeys
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3236 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3236 Datasheet HTML 7Page - STMicroelectronics AN3236 Datasheet HTML 8Page - STMicroelectronics AN3236 Datasheet HTML 9Page - STMicroelectronics AN3236 Datasheet HTML 10Page - STMicroelectronics AN3236 Datasheet HTML 11Page - STMicroelectronics AN3236 Datasheet HTML 12Page - STMicroelectronics AN3236 Datasheet HTML 13Page - STMicroelectronics AN3236 Datasheet HTML 14Page - STMicroelectronics AN3236 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID17613 Rev 3
11/15
AN3236
Touchkey matrix
14
However, when two touchkeys are touched on different rows or columns, four channels are
detected and it is difficult to discriminate a true touch from a false one. This phenomenon is
known as the “ghost” effect.
In Figure 6, touchkey 1 and touchkey 5 are touched but, channels 1, 2, 4 and 5 are
detected. From the application, it is impossible to determine which of the four touchkeys are
touched.
Figure 6. Ghost effect example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15