Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3139 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 45Page - STMicroelectronics AN3139 Datasheet HTML 46Page - STMicroelectronics AN3139 Datasheet HTML 47Page - STMicroelectronics AN3139 Datasheet HTML 48Page - STMicroelectronics AN3139 Datasheet HTML 49Page - STMicroelectronics AN3139 Datasheet HTML 50Page - STMicroelectronics AN3139 Datasheet HTML 51Page - STMicroelectronics AN3139 Datasheet HTML 52Page - STMicroelectronics AN3139 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
49/63
3.12
DMA
The STM8L15x/STM8L16x sub-family is equipped with one DMA with 4 channels. The
following table presents all peripheral DMA requests present in the sub-family.
Table 18.
Overview of STM8L family DMA requests
Channels
STM8L15x/STM8L16x (1)
Low density
STM8L15x
Medium density STM8L15x
Medium+/High density
STM8L15x/ High density
STM8L16x
DMA1
Channel 0
ADC
I2C_Rx
TIM2_CC1
TIM3_U
TIM4_U
ADC
I2C_Rx
TIM1_CC3
TIM2_CC1
TIM3_U
TIM4_U
ADC
I2C_Rx
TIM1_CC3
TIM2_CC1
TIM3_U
TIM4_U
AES_IN
USART2_Tx
SPI2_Rx
TIM5_U
Channel 1
ADC
DAC_CH2TRIG
SPI1_Rx
USART_Tx
TIM2_U
TIM3_CC1
TIM4_U
ADC
DAC_CH2TRIG
SPI1_Rx
USART_Tx
TIM1_CC4
TIM2_U
TIM3_CC1
TIM4_U
ADC
SPI1_Rx
DAC_CH2TRIG
USART_Tx
TIM1_CC4
TIM2_U
TIM
TIM2_CC1
TIM4_U
USART3_Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63