Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3139 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 18Page - STMicroelectronics AN3139 Datasheet HTML 19Page - STMicroelectronics AN3139 Datasheet HTML 20Page - STMicroelectronics AN3139 Datasheet HTML 21Page - STMicroelectronics AN3139 Datasheet HTML 22Page - STMicroelectronics AN3139 Datasheet HTML 23Page - STMicroelectronics AN3139 Datasheet HTML 24Page - STMicroelectronics AN3139 Datasheet HTML 25Page - STMicroelectronics AN3139 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
/*Updated functions*/
1/ void SPI_Init(SPI_TypeDef*
SPIx, SPI_FirstBit_TypeDef
SPI_FirstBit,
SPI_BaudRatePrescaler_TypeDef
SPI_BaudRatePrescaler,
SPI_Mode_TypeDef SPI_Mode,
SPI_CPOL_TypeDef SPI_CPOL,
SPI_CPHA_TypeDef SPI_CPHA,
SPI_DirectionMode_TypeDef
SPI_Data_Direction,
SPI_NSS_TypeDef
SPI_Slave_Management, uint8_t
CRCPolynomial);"
/*Updated functions*/
1/ void SPI_Init(SPI_TypeDef*
SPIx, SPI_FirstBit_TypeDef
SPI_FirstBit,
SPI_BaudRatePrescaler_TypeDef
SPI_BaudRatePrescaler,
SPI_Mode_TypeDef SPI_Mode,
SPI_CPOL_TypeDef SPI_CPOL,
SPI_CPHA_TypeDef SPI_CPHA,
SPI_DirectionMode_TypeDef
SPI_Data_Direction,
SPI_NSS_TypeDef
SPI_Slave_Management, uint8_t
CRCPolynomial);"
/*Updated functions*/
1/ void SPI_Init(SPI_TypeDef*
SPIx, SPI_FirstBit_TypeDef
SPI_FirstBit,
SPI_BaudRatePrescaler_TypeDef
SPI_BaudRatePrescaler,
SPI_Mode_TypeDef SPI_Mode,
SPI_CPOL_TypeDef SPI_CPOL,
SPI_CPHA_TypeDef SPI_CPHA,
SPI_DirectionMode_TypeDef
SPI_Data_Direction,
SPI_NSS_TypeDef
SPI_Slave_Management, uint8_t
CRCPolynomial);"
Table 2.
STM8L firmware library compatibility (continued)
Peripheral
STM8L10x
STM8L15x/STM8L16x
Low density STM8L10x
Low density STM8L15x
Medium density STM8L15x
Medium+/High density
STM8L15x/ High density
STM8L16x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63