Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3139 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 35Page - STMicroelectronics AN3139 Datasheet HTML 36Page - STMicroelectronics AN3139 Datasheet HTML 37Page - STMicroelectronics AN3139 Datasheet HTML 38Page - STMicroelectronics AN3139 Datasheet HTML 39Page - STMicroelectronics AN3139 Datasheet HTML 40Page - STMicroelectronics AN3139 Datasheet HTML 41Page - STMicroelectronics AN3139 Datasheet HTML 42Page - STMicroelectronics AN3139 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
39/63
AIN11
PB7
PB7
PB7
AIN12
PB6
PB6
PB6
AIN13
PB5
PB5
PB5
AIN14
PB4
PB4
PB4
AIN15
PB3
PB3
PB3
AIN16
PB2
PB2
PB2
AIN17
PB1
PB1
PB1
AIN18
PB0
PB0
PB0
AIN19
PD3
PD3
PD3
AIN20
PD2
PD2
PD2
AIN21
PD1
PD1
PD1
AIN22
PD0
PD0
PD0
AIN23
PE5
PE5
PE5
AIN24
PF0
PF0
PF0
AIN25
PE7
PF1
AIN26
PE3
PF2
AIN27
PE4
PF3
1.
No AIN channel available in the STM8L10x devices.
Table 11.
Overview of STM8L family ADC channels
Channels
ADC1 (1)
(continued)
STM8L10x
STM8L15x/STM8L16x
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High
density STM8L15x/
High density
STM8L16x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63