| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2867 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2867 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 41 page ![]() DocID15287 Rev 9 31/41 AN2867 Tips for improving oscillator stability 40 Figure 10. Recommended layout for an oscillator circuit Warning: It is highly recommended to apply conformal coatings to the PCB area shown in Figure 10, especially for the LSE quartz, CL1, CL2, and paths to the OSC_IN and OSC_OUT pads as a protection against moisture, dust, humidity, and temperature extremes that may lead to startup problems. |