Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2867 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 18Page - STMicroelectronics AN2867 Datasheet HTML 19Page - STMicroelectronics AN2867 Datasheet HTML 20Page - STMicroelectronics AN2867 Datasheet HTML 21Page - STMicroelectronics AN2867 Datasheet HTML 22Page - STMicroelectronics AN2867 Datasheet HTML 23Page - STMicroelectronics AN2867 Datasheet HTML 24Page - STMicroelectronics AN2867 Datasheet HTML 25Page - STMicroelectronics AN2867 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Table 5. LSE oscillators embedded into STM32 microcontrollers(1)
Drive-level
STM32F0/F3
STM32F1/T STM32F2
STM32F401/405
/407/427/429xx
STM32F411xx
STM32L0
STM32L1
Low
Medium
Low
Medium
High
High
NA
NA
NA
Low
High
High
Low
Medium
Low
Medium
High
NA
gm_min
5
8
15
25
5
2.8
2.8
2.8
7.5
2.5
3.75
8.5
13.5
3
gm_crit_max
1
1.6
3
5
1
0.56
0.56
0.56
1.5
0.5
0.75
1.7
2.7
0.6
1. Color code:
Blue: LSE oscillators with transconductance modifiable on the fly (dynamically).
Green: LSE oscillators with non-modifiable transconductance.
Gray: LSE oscillators with statically-modifiable transconductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41