Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2867 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 21Page - STMicroelectronics AN2867 Datasheet HTML 22Page - STMicroelectronics AN2867 Datasheet HTML 23Page - STMicroelectronics AN2867 Datasheet HTML 24Page - STMicroelectronics AN2867 Datasheet HTML 25Page - STMicroelectronics AN2867 Datasheet HTML 26Page - STMicroelectronics AN2867 Datasheet HTML 27Page - STMicroelectronics AN2867 Datasheet HTML 28Page - STMicroelectronics AN2867 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID15287 Rev 9
25/41
AN2867
Guidelines for selecting suitable crystal and external components
40
Step 5 (optional): Calculate the PPM accuracy budget
Finally, you can use the formula below to estimate the PPM accuracy budget for the whole
application:
where:
PPMBudget is the estimated accuracy for the oscillation frequency.
PPMcrystal is the crystal PPM accuracy specified in the datasheet.
Deviation (CL) is expressed in pF. It measures the deviation of the load capacitance
(CL) due to tolerances on load capacitor values and the variation of the stray
capacitance (CS) due to PCB manufacturing process deviation.
Pullabilty is expressed in PPM/pF (refer to Section 3.7: Crystal pullability).
Note:
The PPM budget calculated above does not take into account the temperature variation
which may make the PPM budget bigger.
PPMBudget PPMcrystal Deviation CL
() Pullabilitycrystal
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41