Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2645 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 25Page - STMicroelectronics AN2645 Datasheet HTML 26Page - STMicroelectronics AN2645 Datasheet HTML 27Page - STMicroelectronics AN2645 Datasheet HTML 28Page - STMicroelectronics AN2645 Datasheet HTML 29Page - STMicroelectronics AN2645 Datasheet HTML 30Page - STMicroelectronics AN2645 Datasheet HTML 31Page - STMicroelectronics AN2645 Datasheet HTML 32Page - STMicroelectronics AN2645 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AN2645
Block-by-block compatibility analysis
29/36
3.5.4
UART
UART1, UART2 and UART3 are three different UART types used in the STM8S sub-families.
All the UARTs include common basic functions, but differ in the special features they
provide.
UART1 is present in the STM8S208x, STM8S207x and STM8S103x sub-families and it
offers the complete set of all UART features except LIN slave mode.
The LIN slave mode feature is present in UART2 and UART3. As the STM8S Performance
line devices (except the 32-pin device) include both UART1 and UART3 they are able to
cover all UART features.
UART2 is present in the STM8S105x sub-family only and it covers all features except single
wire half duplex mode.
Refer to the STM8S family reference manual (RM0016) and STM8S datasheets for more
detailed information.
Table 24.
UART special features
Feature
STM8S207x, 208x
STM8S105x
UART2
STM8S103x
UART1
UART1(1)
1.
Not present in STM8S207K (32-pin device)
UART3
Synchronous communication
••
•
Smart card mode
••
•
IrDA mode
••
•
Single wire half duplex mode
••
LIN slave mode
••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36