Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2645 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 23Page - STMicroelectronics AN2645 Datasheet HTML 24Page - STMicroelectronics AN2645 Datasheet HTML 25Page - STMicroelectronics AN2645 Datasheet HTML 26Page - STMicroelectronics AN2645 Datasheet HTML 27Page - STMicroelectronics AN2645 Datasheet HTML 28Page - STMicroelectronics AN2645 Datasheet HTML 29Page - STMicroelectronics AN2645 Datasheet HTML 30Page - STMicroelectronics AN2645 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AN2645
Block-by-block compatibility analysis
27/36
3.4.3
ADC modes
Table 23 gives a selected list of ADC modes showing only those where there are differences
between STM8S sub-families.
The differences are mainly related to analog zooming, continuous conversion buffering,
scanning capability and analog watchdog.
Table 23.
Overview of ADC mode differences
ADC Mode
STM8S207x, 208x
STM8S105x
STM8S103x
ADC2
ADC1
Analog zooming
YES(1)
1.
For devices with VREF+/VREF- pin pair only (80-pin and 64-pin packages)
NO
NO
Conversion modes
– Single
– Continuous
–Single
–Continuous
– Continuous buffered
(10 sample buffers)
– Single scan
– Continuous scan
–Single
– Continuous
– Continuous buffered
(8 sample buffers)
– Single scan
– Continuous scan
Analog watchdog
NO
YES
YES
Interrupts
– EOC
–EOC
– analog watchdog
–EOC
– analog watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36