Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2645 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2645
Description  Migration and compatibility guidelines for STM8S microcontroller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2645 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2645 Datasheet HTML 9Page - STMicroelectronics AN2645 Datasheet HTML 10Page - STMicroelectronics AN2645 Datasheet HTML 11Page - STMicroelectronics AN2645 Datasheet HTML 12Page - STMicroelectronics AN2645 Datasheet HTML 13Page - STMicroelectronics AN2645 Datasheet HTML 14Page - STMicroelectronics AN2645 Datasheet HTML 15Page - STMicroelectronics AN2645 Datasheet HTML 16Page - STMicroelectronics AN2645 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AN2645
Block-by-block compatibility analysis
13/36
3.1.1
Migration from one sub-family to another one
Migration between sub-families highlights the basic differences between their peripherals,
features and capabilities. When the pin-count remains unchanged, the peripheral I/Os often
stay on the same pins, but their properties can differ slightly (e.g. UART2 x UART1, ADC2 x
ADC1, I2C etc.).
Note:
In Table 3 to Table 15 the differences are shown in bold.
Refer to the migration checklist described in Chapter 2: Planning for migration and the next
sections for more details about all the differences mentioned here.
Table 3.
Migration between STM8S208 and STM8S207 80-pin or 64-pin packages
STM8S208M, 208R
STM8S207M, 207R
PG1 / CAN_RX
Not available
PG0 / CAN_TX
Not available
Table 4.
Migration between STM8S207 and STM8S105 48-pin or 44-pin packages
STM8S207C, 207S
STM8S105C, 105S
PA4 / UART1_RX
PD6 / UART3_RX
PD6 / UART2_RX
PA5 / UART1_TX
PD5 / UART3_TX
PD5 / UART2_TX
PA6 / UART1_CK
PC1 (HS) / TIM1_CH1 / UART2_CK
Table 5.
Migration between STM8S207 and STM8S105 32-pin packages
STM8S207K
STM8S105K
PD6 / UART3_RX
PD6 / UART2_RX
PD5 / UART3_TX
PD5 / UART2_TX
Not available
PC1 (HS) / TIM1_CH1 / UART2_CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36