| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2628 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2628 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 27 page ![]() AN2628 Message object register definition 25/27 #define IF_TXRQST 0x0100 #define IF_EOB 0x0080 /****************************************************************** ************/ // Some Status Definitions /****************************************************************** ************/ #define CAN_RCV_OK 0x0000 #define CAN_RCV_TIMEOUT 0x0001 #define NO_STATUS_CHANGE 0xFFFF #define CAN_TX_TIMEOUT 0x8000 #define CAN_TX_OK 0x0000 /****************************************************************** ************/ // Some useful BTR numbers /****************************************************************** ************/ #define BTR_40MHZ_500KB 0x2542 #define BTR_40MHZ_1MB 0x2541 /****************************************************************** ************/ // Useful Macros /****************************************************************** ************/ //unsigned int* CANBlock; #define CAN1_WAIT_FOR_IF1 while( *(CAN1 + CAN_IF1_CR) & IF_BUSY ) #define CAN1_WAIT_FOR_IF2 while( *(CAN1 + CAN_IF2_CR) & IF_BUSY ) #define CAN2_WAIT_FOR_IF1 while( *(CAN2 + CAN_IF1_CR) & IF_BUSY ) #define CAN2_WAIT_FOR_IF2 while( *(CAN2 + CAN_IF2_CR) & IF_BUSY ) Note: All software provided here follows the TASKING CAN library register naming convention. Register naming may be different for another tool chain. |