Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2628 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN2628
Description  Programming ST10F27x CAN interrupt drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2628 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN2628 Datasheet HTML 15Page - STMicroelectronics AN2628 Datasheet HTML 16Page - STMicroelectronics AN2628 Datasheet HTML 17Page - STMicroelectronics AN2628 Datasheet HTML 18Page - STMicroelectronics AN2628 Datasheet HTML 19Page - STMicroelectronics AN2628 Datasheet HTML 20Page - STMicroelectronics AN2628 Datasheet HTML 21Page - STMicroelectronics AN2628 Datasheet HTML 22Page - STMicroelectronics AN2628 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AN2628
Register description
19/27
IE.0
Interrupt enable 0: CAN1 interrupt
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.1
Interrupt enable 1: CAN2 interrupt
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.2
Interrupt enable 2: I2C error
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.3
Interrupt enable 3: XSSC error
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.4
Interrupt enable 4: XASC error
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.5
Interrupt enable 5: PLL unlock / oscillator watchdog
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.6
Interrupt enable 6: XPWM channel 3...0
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.7
Interrupt enable 7: No interrupt source associated.
Table 3.
XIR3SEL register (continued)
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27