Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2628 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN2628
Description  Programming ST10F27x CAN interrupt drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2628 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN2628 Datasheet HTML 7Page - STMicroelectronics AN2628 Datasheet HTML 8Page - STMicroelectronics AN2628 Datasheet HTML 9Page - STMicroelectronics AN2628 Datasheet HTML 10Page - STMicroelectronics AN2628 Datasheet HTML 11Page - STMicroelectronics AN2628 Datasheet HTML 12Page - STMicroelectronics AN2628 Datasheet HTML 13Page - STMicroelectronics AN2628 Datasheet HTML 14Page - STMicroelectronics AN2628 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN2628
Programming through CAN hardware features
11/27
if (status & TxOK)
{......}
// transmit interrupt
if (status & RxOK)
{......}
// receive interrupt
if (status & 0x07)
{......}
// erroneous transfer interrupt
}
if (CANxCR & EIE) // if EIE is set (error interrupts)
{
if (status & EWRN)
{......}
// error counter warning
if (status & BOFF) // bus-off situation
CANxCR = (CANxCR & 0xfe);
// recover from BOff (clear INIT)
{......} // remaining part of the BOff procedure
}
break;
case 1: // Message 1 Interrupt
CANxIF1CM = 0x7F;
// Transfer entire message into inference
CANxIF1CR = intid;
// register and clear IntPnd and NewDat
CANx_WAIT_FOR_IF1;
if (CANxIF1A2 & IF_DIR)
// direction = transmit
{
if (CANxIF1MC & IF_NEWDAT)
// remote received provided that UMask = 1
// and RmtEn = 0
{.....} // procedure to handle answer to remote
else
{.....} // procedure to handle transmit interrupts
}
else
// direction = receive
{
if (CANxIF1MC & IF_NEWDAT) // NewDat is set
{.....}
// procedure to handle data receive interrupt
else
{.....} // a remote frame was successfully transmitted
}
break;
block to be repeated (from ‘case 1:’ to ‘case 32:’)
case n: // Message n Interrupt
CANxIF1CM = 0x7F;
// Transfer entire message into inference
CANxIF1CR = intid;
// register and clear IntPnd and NewDat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27