Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2606 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 39Page - STMicroelectronics AN2606 Datasheet HTML 40Page - STMicroelectronics AN2606 Datasheet HTML 41Page - STMicroelectronics AN2606 Datasheet HTML 42Page - STMicroelectronics AN2606 Datasheet HTML 43Page - STMicroelectronics AN2606 Datasheet HTML 44Page - STMicroelectronics AN2606 Datasheet HTML 45Page - STMicroelectronics AN2606 Datasheet HTML 46Page - STMicroelectronics AN2606 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 155 page
background image
DocID13801 Rev 21
43/155
AN2606
STM32F2xxxx devices bootloader
154
The system clock is derived from the embedded internal high-speed RC. No external quartz
is required for the bootloader code.
10.1.2
Bootloader selection
The figure below shows the bootloader selection mechanism.
Figure 12. Bootloader V2.x selection for STM32F2xxxx devices
USART3
bootloader (on
PB10/PB11)
USART3
Enabled
Once initialized, the USART3 configuration
is: 8 bits, even parity and 1 Stop bit
USART3_RX pin
Input
PB11 pin: USART3 in reception mode
USART3_TX pin
Output
PB10 pin: USART3 in transmission mode
USART1 and
USART3
bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host.
Table 18. STM32F2xxxx configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More