Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2606 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 74Page - STMicroelectronics AN2606 Datasheet HTML 75Page - STMicroelectronics AN2606 Datasheet HTML 76Page - STMicroelectronics AN2606 Datasheet HTML 77Page - STMicroelectronics AN2606 Datasheet HTML 78Page - STMicroelectronics AN2606 Datasheet HTML 79Page - STMicroelectronics AN2606 Datasheet HTML 80Page - STMicroelectronics AN2606 Datasheet HTML 81Page - STMicroelectronics AN2606 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 155 page
background image
STM32F42xxx/43xxx devices bootloader
AN2606
78/155
DocID13801 Rev 21
18.1.3
Bootloader version
The following table lists the STM32F42xxx/43xxx devices bootloader V7.x versions.
Initial bootloader version
For the CAN interface, the Write Unprotect
command is not functional. Instead you can use
Write Memory command and write directly to the
option bytes in order to disable the write protection.
18.2
Bootloader V9.x
18.2.1
Bootloader configuration
The STM32F42xxx/43xxx bootloader is activated by applying pattern5 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
Table 39. STM32F42xxx/43xxx bootloader V7.x versions
Bootloader
version
number
Description
Known limitations
V7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More