| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2606 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2606 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 155 page ![]() DocID13801 Rev 21 37/155 AN2606 STM32L1xxxC devices bootloader 154 8.2 Bootloader selection The figure below shows the bootloader selection mechanism. Figure 10. Bootloader selection for STM32L1xxxC devices 8.3 Bootloader version The following table lists the STM32L1xxxC devices bootloader versions: Initial bootloader version For the USART interface, two consecutive NACKs instead of 1 NACK are sent when a Read Memory or Write Memory command is sent and the RDP level is active. Table 15. STM32L1xxxC bootloader versions Bootloader version number Description Known limitations V4.0 |