Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2390 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 31Page - STMicroelectronics AN2390 Datasheet HTML 32Page - STMicroelectronics AN2390 Datasheet HTML 33Page - STMicroelectronics AN2390 Datasheet HTML 34Page - STMicroelectronics AN2390 Datasheet HTML 35Page - STMicroelectronics AN2390 Datasheet HTML 36Page - STMicroelectronics AN2390 Datasheet HTML 37Page - STMicroelectronics AN2390 Datasheet HTML 38Page - STMicroelectronics AN2390 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AN2390
Conclusion: a low-cost flexible solution
35/42
4
Conclusion: a low-cost flexible solution
Everything on the evaluation board has been designed to make it easy to adapt in any way
(to other types of battery, new behavior specifications, additional design constraints, etc.).
The demo is developed with an ST72324L microcontroller device but you can choose
another MCU device if you so desire.
Because of the flexibility of the MCU, you can modify the firmware for wide variety of
applications and this is well supported by the flexible non inverting buck boost converter
which can adapt to different supply voltages. For example, you could easily make a
USB charger to charge a 4.2 V Li-ion battery.
The firmware is developed in ‘C’ language. So it is easily upgradeable.
The number of components needed for each slot (charging and feedback) is minimal,
so replacing them is inexpensive.
The code size is approximately 3 Kbytes. The current firmware supports Li-ion and
NiMh battery chemistry but it can be easily converted to charge other battery
chemistries, for example to charge SLA batteries.
ST’s low cost PNP and NPN transistors and diodes are used to implement this
converter which makes it even more cost-effective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42