Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2390 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 13Page - STMicroelectronics AN2390 Datasheet HTML 14Page - STMicroelectronics AN2390 Datasheet HTML 15Page - STMicroelectronics AN2390 Datasheet HTML 16Page - STMicroelectronics AN2390 Datasheet HTML 17Page - STMicroelectronics AN2390 Datasheet HTML 18Page - STMicroelectronics AN2390 Datasheet HTML 19Page - STMicroelectronics AN2390 Datasheet HTML 20Page - STMicroelectronics AN2390 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
AN2390
Evaluation board implementation
17/42
2.3
MCU software
2.3.1
Architecture
The software provided in this demo has state machine architecture. To explain more, various
charging states can be defined for each slot. Each slot is driven by its state machine, with
some interactions to implement front slot priority.
In order to measure the charge time, a timekeeper is implemented and counters are
incremented periodically. Most of the time, slot states are unchanged. This implies that the
PWM duty cycle, charge enable signals and LED on/off states are constant. Periodically, the
ST7 microcontroller measures the battery current, battery voltage and thermistor voltage of
both slots. Using the measurements and the timekeeper values, it updates slot states and
the output configuration. If necessary, it resets the timekeeper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42