| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2390 Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2390 Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 42 page ![]() AN2390 How to use the evaluation board 27/42 3 How to use the evaluation board 3.1 Connecting the evaluation board 3.1.1 Jumper Connections The following jumpers must be correctly configured for proper operation of the evaluation board. J1: This is a 3-pin connector for selecting between ICC clock and resonator clock. Figure 18. ICC connector ICC clock is used only when we need to re-program the ST7 microcontroller. For normal operation please short pin 1 and pin 2. J2, J3: These jumpers are used to connect charger slots for different batteries as shown in Figure 19. Figure 19. J2 and J3 connections 12 3 EXT OSC1 ICC_OSC J1 2-CELL NiMH BATTERY CHARGER SLOT UNIVERSAL BATTERY CHARGER RT1: NTC CONNECTOR J2 CONNECTOR FOR NiMH V+ V- J3 CONNECTOR FOR Li-ION V+ TV- 1-CELL Li-ION BATTERY CHARGER SLOT Put NTC close to slot |