Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2288 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 21Page - STMicroelectronics AN2288 Datasheet HTML 22Page - STMicroelectronics AN2288 Datasheet HTML 23Page - STMicroelectronics AN2288 Datasheet HTML 24Page - STMicroelectronics AN2288 Datasheet HTML 25Page - STMicroelectronics AN2288 Datasheet HTML 26Page - STMicroelectronics AN2288 Datasheet HTML 27Page - STMicroelectronics AN2288 Datasheet HTML 28Page - STMicroelectronics AN2288 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN2288
Results
25/29
6.2
Voltage tests
This test is performed at UPF, 0.5Lag, 0.8Lag and at 0.8Lead. Below is the table for the
accuracy Vs. voltage variation.
6.3
Frequency tests
This test is performed at UPF, 0.5Lag, 0.8Lag and at 0.8Lead.
Table 2.
Voltage vs% error
Voltage Vs% Error
Voltage [V]
UPF (%Error)
0.5LAG (%Error)
0.8LAG (%Error)
0.8LEAD
(%Error)
140
-0.68
-0.35
-0.15
-0.99
280
-0.68
0.0
-0.6
-0.68
Table 3.
Frequency Vs% Error
Frequency Vs% Error
Frequency [Hz]
UPF (%Error)
0.5LAG (%Error)
0.8LAG (%Error)
0.8LEAD
(%Error)
48
0.2
0.5
0.48
-0.39
52
0.15
0.2
0.09
-0.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29