Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2288 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 17Page - STMicroelectronics AN2288 Datasheet HTML 18Page - STMicroelectronics AN2288 Datasheet HTML 19Page - STMicroelectronics AN2288 Datasheet HTML 20Page - STMicroelectronics AN2288 Datasheet HTML 21Page - STMicroelectronics AN2288 Datasheet HTML 22Page - STMicroelectronics AN2288 Datasheet HTML 23Page - STMicroelectronics AN2288 Datasheet HTML 24Page - STMicroelectronics AN2288 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN2288
Software routines
21/29
Figure 18. Lite timer interrupt routine (Cont’d)
A
Find out current peak,
voltage peak, frequency
and power factor
tampering detection by checking at
both phase and neutral current chan-
nel for 6 times after every 500ms
INS_POWER = V * I
TOTAL_POWER [GAIN] +/-=
INS_POWER
Pulse output according to
3200imp/kWh
Is count < 100 ?
yes
count++
no
count = 1
Gain_switching++
end
Data sent to PC GUI as request-
ed for different gain factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29