| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2288 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2288 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() Meter hardware AN2288 16/29 Figure 12. LCD circuit 4.1.10 In-Circuit Programming block By using In-Circuit Programming, the microcontroller can be programmed even when the meter is installed and running. There are only five pins used from the 10-pin HE10 ICC connector. One oscillator pin is also optional. In all, there are only four mandatory pins. Figure 13. ICP connector Microcontroller 5V NCS NWR DATA PA1 PA2 PA3 1 2 9 10 5V OSC 10-pin HE120 connector ICCDATA ICCCLK RESET |