| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1796 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1796 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() 12/17 FIELD UPDATES FOR FLASH BASED ST7 APPLICATIONS USING A PC COMM PORT ; reads two successive characters from the character stream (hex-ascii) ; and returns them in a as a byte getbinary: call getdigit swap a ld b0byte0,a call getdigit add a,b0byte0 ret ; this subroutine gets copied to and is executed out of RAM FLASHPROGRAMMER: clr x latchenable: bset FCSR,#1 ; enable Xflash latches fp004: cp x,bytecount jreq fp005 ld a,(flashbuffer,x) ld ([loadaddress.w],x),a inc x ld a,x add a,{loadaddress+1} and a,#$1F jrne fp004 ; apply programming pulse bset FCSR,#0 ; set PGM fp006: btjt FCSR,#0,fp006 jrt latchenable fp005: ; apply programming pulse bset FCSR,#0 ; set PGM fp007: btjt FCSR,#0,fp007 nop nop ret ; receives a hex-ascii character and converts to binary getdigit: call waitforchar sub a,#48 cp a,#9 jrule getdigitA |