| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1796 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1796 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 17 page ![]() 11/17 FIELD UPDATES FOR FLASH BASED ST7 APPLICATIONS USING A PC COMM PORT ld {loadaddress+1},a ; low byte of load address saved clr x b002: cp x,bytecount jreq b003 call getbinary ld (flashbuffer,x),a inc x jrt b002 b003: call getbinary ld checksum,a ; checksum for line saved call RAMCODE waitforcr: call waitforchar cp a,#13 jrne waitforcr jrt b001 gots9: call waitforchar cp a,#13 jrne gots9 bset WDGCR,#7 ; force a cold reset by starting watchdog bres WDGCR,#6 ; and then sitting in an endless loop gots9A: jrt gots9A; endless loop waiting for watchdog to ; force a reset ;****************** bank zero subroutines ************************* waitforchar: btjf SCISR,#5,waitforchar ld a,SCIDR ld SCIDR,a ; echo character ret |