Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1278 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 36Page - STMicroelectronics AN1278 Datasheet HTML 37Page - STMicroelectronics AN1278 Datasheet HTML 38Page - STMicroelectronics AN1278 Datasheet HTML 39Page - STMicroelectronics AN1278 Datasheet HTML 40Page - STMicroelectronics AN1278 Datasheet HTML 41Page - STMicroelectronics AN1278 Datasheet HTML 42Page - STMicroelectronics AN1278 Datasheet HTML 43Page - STMicroelectronics AN1278 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
41/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
– Delay the occurrence of the first OC interrupt too much. Specifically: A problem occurs if the
second output compare is set after the expected time, which is the middle of the bit. So as
long as the first OC interrupt ends before the middle of the bit, the delay is acceptable. See
Figure 21.
Figure 21. Handling the first OC Interrupt in transmission mode
– Delay the occurrence of the second OC interrupt too much. Specifically: A problem occurs if
the sample time defined at the beginning of the interrupt is delayed outside the bit. See Fig-
ure 22
Figure 22. Handling the second OC Interrupt in transmission mode
1 bit
application task
deadline for
end of 1st
1rst OC request
1rst OC serviced
OC interrupt
1 bit
application task
deadline for
start of 2nd
2nd OC request
2nd OC serviced
OC interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44