| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1278 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1278 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 44 page ![]() 23/44 LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS Figure 10. LIN communication example The figure above represents the LIN communication in “running” mode. The “SleepMo- deCOmmand” frame is sent by the master to set the LIN network in sleep mode and is there- fore not part of the normal communication. The baud rate is 9600 baud. This communication corresponds to the following LIN description file: master slave 1 slave 2 bus 0x76 0x03 0x20 0x03 0x20 0x76 0x03 0x20 0x03 0x20 master slave1 data TX TX TX line DataToSlave1 RequestToSlave1 RequestToSlave2 data to slave 1 slave2 data |