Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1278 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 18Page - STMicroelectronics AN1278 Datasheet HTML 19Page - STMicroelectronics AN1278 Datasheet HTML 20Page - STMicroelectronics AN1278 Datasheet HTML 21Page - STMicroelectronics AN1278 Datasheet HTML 22Page - STMicroelectronics AN1278 Datasheet HTML 23Page - STMicroelectronics AN1278 Datasheet HTML 24Page - STMicroelectronics AN1278 Datasheet HTML 25Page - STMicroelectronics AN1278 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
4 EXAMPLES
The purpose of this chapter is to give you an example, describing step by step how to use the
LIN software. This example was defined to demonstrate the LIN software and not to show a
typical LIN application.
The network consists of the master node and 2 slave nodes.
Figure 9. LIN network example
The application example is slave1.
The LIN communication consists of 4 LIN frames.
(*): The example is given for the LIN specification package 1.1 as many tools still don’t support
the 1.2 package.
Frame name
Identifier ID[7..0]
Message Length
Data Direction
DataToSlave1
0x03
2
master to slave1
RequestToSlave1
0x20
4
slave1 to master
RequestToSlave2
0x76
2
slave2 to master
MasterReq
(sleep mode command)
0x80(*)
2
master to all slaves
MASTER
SLAVE 1
LIN Bus
SLAVE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44