| Moteur de recherche de fiches techniques de composants électroniques |
|
AN413 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN413 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 45 page ![]() Examples of timer 0 configurations AN413 36/45 Doc ID 1875 Rev 2 ;Timer 0 COMPARE interrupt subroutine: ; - IT / COMPARE T0_COMP: spp #T0D_PG ; Timer 0 data register page tm T_FLAGR,#cm0 ; mask successful compare jxz RESET_START ; RESET if it is not ; an IT COMPARE tm T_FLAGR,#ocm0 ; overrun on Compare 0 ? jxnz RESET_START ; yes == RESET and T_FLAGR,#~cm0 ; reset successful compare bit and T_FLAGR,#~ocm0 ; reset overrun compare 0 bit iret ; return from interrupt ;******** END OF TIMER 0 CONFIGURATION EXAMPLES ************ |