Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN413 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN413
Description  Initialization of the ST9
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN413 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN413 Datasheet HTML 24Page - STMicroelectronics AN413 Datasheet HTML 25Page - STMicroelectronics AN413 Datasheet HTML 26Page - STMicroelectronics AN413 Datasheet HTML 27Page - STMicroelectronics AN413 Datasheet HTML 28Page - STMicroelectronics AN413 Datasheet HTML 29Page - STMicroelectronics AN413 Datasheet HTML 30Page - STMicroelectronics AN413 Datasheet HTML 31Page - STMicroelectronics AN413 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Examples of ST9 peripheral configurations
AN413
28/45
Doc ID 1875 Rev 2
;**************************************************************
;*Configuration of TIMER 0 I/O pins and A/D Converter I/O pins*
proc INIT_IO [PPR] {
;.............
;............. P3.0 (T0INA) P3.2 (T0INB) INPUT TRISTATE TTL
;............. P3.1 (T0OUTA) P3.3 (T0OUTB) OUTPUT ALTERNATE FUNCTION
PUSH_PULL TTL
spp #P3C_PG
; Port 3 control register page
ld P3C0R,#00001111b
ld P3C1R,#00001010b
ld P3C2R,#00000101b
;............. end of init. P3
;............. INITIALIZATION OF A/D CONVERTOR INPUTS
;............. P4.7 (AIN7) ALTERNATE FUNCTION OPEN DRAIN TTL
;............. P4.6 (AIN6) ALTERNATE FUNCTION OPEN DRAIN TTL
spp #P4C_PG
; Port 4 control register page
ld P4C0R,#11000000b
ld P4C1R,#11000000b
ld P4C2R,#11000000b
;............ end of init. P4
;............ INITIALIZATION OF SCI I/O
; P70: Input = Sin.
; P71: AF = Sout.
; P72: AF = Txclck.
; P73: AF = Rxclck.
spp #P7C_PG
; Port 7 control page.
ld P7C0R,#00001111b ; bit 0 (Sin): IN, TRI, TTL.
ld P7C1R,#11111110b ; bit 1,2,3 (Sout, Txck, Rxck): AF,PP,TTL.
ld P7C2R,#00000001b ; Others : OUT,PP,TTL.
}
;*********************************************
;*SECTION CODE FOR THE CORE INTERRUPT ROUTINE*
;*********************************************
;_______________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45