Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4192 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 39Page - STMicroelectronics AN4192 Datasheet HTML 40Page - STMicroelectronics AN4192 Datasheet HTML 41Page - STMicroelectronics AN4192 Datasheet HTML 42Page - STMicroelectronics AN4192 Datasheet HTML 43Page - STMicroelectronics AN4192 Datasheet HTML 44Page - STMicroelectronics AN4192 Datasheet HTML 45Page - STMicroelectronics AN4192 Datasheet HTML 46Page - STMicroelectronics AN4192 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
AN4192
Bibliography
Doc ID 023820 Rev 1
45/47
5
Bibliography
1.
Section 1: Synchronous buck converter: a brief introduction
a)
C.S.Mitter, device considerations for high current, low voltage synchronous buck
converter.
b)
Fairchild Semiconductor AN6005, Synchronous buck converter power losses
calculation.
c)
STMicroelectronics AN2170, MOSFET device effects on phase node ringing in
VRM power converters.
2.
Section 2: High-side MOSFET selection
a)
K.S.Oh (Fairchild Semiconductor AN9010), MOSFET Basics.
b)
C.Cavallaro, S.Musumeci, R.Pagano, A.Raciti, K.Shenai, Analysis, modeling and
simulation of LV MOSFETs in synchronous rectifier buck-converter applications.
c)
Fairchild Semiconductor AN6005, Synchronous buck converter power losses
calculation.
d)
T.Wu, Cdv/dt induced turn-on in synchronous buck regulators.
3.
Section 3: Low-side FET selection
a)
STMicroelectronics AN2170, MOSFET device effects on phase node ringing in
VRM power converters.
b)
C.Cavallaro, S.Musumeci, R.Pagano, A.Raciti, K.Shenai, Analysis, modeling and
simulation of LV MOSFETs in synchronous rectifier buck-converter applications.
c)
STMicroelectronics AN2239, Maximizing synchronous buck converter efficiency
with standard STripFETsTM with integrated Schottky diodes.
d)
S.Mappus, dV/dt immunity improved in synchronous buck converter.
e)
F.Wu,H.Gao,Li Sun,K.Zhao, Suppression of gate oscillation of Power MOSFET
with bridge topology.
f)
G.Belverde, C.Guastella, M.Melito, S.Musumeci, A.Raciti, S.Pagano, Advanced
characterization of LV Power MOSFETs in synchronous-rectifier buck-converter
applications.
g)
Q.Zhao,G.Stojcic, Characterization of CdV/dt induced power losses in
synchronous buck DC-DC converters.
h)
O.Djekic,M.Brkovic,A.Roy, High frequency synchronous buck converter for LV
applications.
i)
S.Havanur (A&O Semiconductor AN100-1), Snubber design for noise reduction in
switching circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47