Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4192 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 27Page - STMicroelectronics AN4192 Datasheet HTML 28Page - STMicroelectronics AN4192 Datasheet HTML 29Page - STMicroelectronics AN4192 Datasheet HTML 30Page - STMicroelectronics AN4192 Datasheet HTML 31Page - STMicroelectronics AN4192 Datasheet HTML 32Page - STMicroelectronics AN4192 Datasheet HTML 33Page - STMicroelectronics AN4192 Datasheet HTML 34Page - STMicroelectronics AN4192 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
AN4192
Low-side FET selection
Doc ID 023820 Rev 1
31/47
Due to the above mentioned issue, in most VRM applications, one common design
guideline is to reduce the total gate resistance.
Figure 35.
Low ext. RG (2
Ω) LS FET waveforms during HS turn-on
Increasing RG,LS(EXT), there are three main effects on the LS switching behavior:
●
A higher induced voltage appears between gate and source (7) (see Figure 36).
●
Longer VGS, LS fall time (130 ns vs. 83 ns), due to the input time constant enlargement
(the LS VGS bounces before reaching zero level).
●
Phase node overshoot reduction, because of the intrinsic LS slow-down.
Figure 36.
High ext. RG (4.7
Ω) LS FET waveforms during HS turn-on
Generally, the higher the RG,LS(EXT), the lower the efficiency, due to bigger gate drive losses.
In particular, the efficiency loss is much higher when more LS FETs are paralleled or bigger
die size devices are used (more capacitances to be switched on/off). For the above
mentioned issues, typically, the more common RG,LS(EXT) values are 0 - 2.2 Ω.
In the same way, by increasing the LS intrinsic gate resistance (RG,LS(EXT)), the spurious
gate-source voltage tends to grow (see Figure 37 and 38).
AM16478V1
AM16479V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47