Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4192 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 12Page - STMicroelectronics AN4192 Datasheet HTML 13Page - STMicroelectronics AN4192 Datasheet HTML 14Page - STMicroelectronics AN4192 Datasheet HTML 15Page - STMicroelectronics AN4192 Datasheet HTML 16Page - STMicroelectronics AN4192 Datasheet HTML 17Page - STMicroelectronics AN4192 Datasheet HTML 18Page - STMicroelectronics AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
High-side MOSFET selection
AN4192
16/47
Doc ID 023820 Rev 1
Figure 15.
Typical phase node waveform (without RC snubber network)
Slowing down the HS turn-on is useful in order to reduce the phase node ringing, so a
higher RG,EXT should be used. But, the higher the RG,EXT, the bigger the switching losses
(particularly at turn-off) become: a low RG,EXT is helpful because it reduces the HS
switching losses at turn-off. The “asymmetric gate drive circuit” tries to make a trade-off
between these two different requirements (Figure 16). RG1 is the turn-on gate resistor, D is
a diode and RG2 is the turn-off gate resistor:
●
When the HS turns on, D is reverse biased so the gate voltage is applied to the gate
through RG1. So, its value may be selected high enough, in order to lower the HS
switching speed and therefore the phase node spike.
●
At HS turn-off, D is forward biased offering a low-resistance path to the HS discharging
current. RG2 is the turn-off resistor because RG1 is shorted. If RG2 is 0 Ω, the HS
switching speed at turn-off is the highest and the impact on the switching losses is
minimized.
Figure 13.
HS turn-off
Figure 14.
HS turn-on (phase node spike)
AM16457V1
AM16458V1
AM16459V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47