Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4396 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN4396
Description  The STEVAL-ISV021V1 is a demonstration kit which consists
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4396 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN4396 Datasheet HTML 1Page - STMicroelectronics AN4396 Datasheet HTML 2Page - STMicroelectronics AN4396 Datasheet HTML 3Page - STMicroelectronics AN4396 Datasheet HTML 4Page - STMicroelectronics AN4396 Datasheet HTML 5Page - STMicroelectronics AN4396 Datasheet HTML 6Page - STMicroelectronics AN4396 Datasheet HTML 7Page - STMicroelectronics AN4396 Datasheet HTML 8Page - STMicroelectronics AN4396 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Table 1. Harvesting module BOM
Sect. Item Qty.
Ref.
Part/value
Tolerance
(%)
Voltage
current
Watt
Technol.
info.
Package Manufacturer
Manufacturer code
More information
11
BT1
Support for
Li-Ion
battery
SMD
Keystone
3008
21
J6
SMD
jumper
Pitch
100 mils
SMD
FCI
95293-101-03LF
This jumper allows the
connection of the STORE
pin to the voltage regulator
U4 in case the external
sampling is OFF
32
U3
Flexible PV
panel
SMD
SANYO
AM-1801
2 PV panels connected in
series
51
J4
SMD
jumper
Pitch
100 mils
SMD
FCI
95293-101-03LF
This jumper disconnects
the PV panel U3 in case
an alternative supply is
required and connected to
CN1
61
J5
3-way
switch
Pitch
100 mils
SMD
FCI
95293-101-03LF
This jumper allows the
connection of the source
to the harvester U1 in
case the external
sampling is OFF
7
1
CN1
2-way
conn.
Pitch
100 mils
SMD
FCI
95293-101-03LF
Input connector for
external PV panel or TEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19