Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4396 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN4396
Description  The STEVAL-ISV021V1 is a demonstration kit which consists
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4396 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN4396 Datasheet HTML 8Page - STMicroelectronics AN4396 Datasheet HTML 9Page - STMicroelectronics AN4396 Datasheet HTML 10Page - STMicroelectronics AN4396 Datasheet HTML 11Page - STMicroelectronics AN4396 Datasheet HTML 12Page - STMicroelectronics AN4396 Datasheet HTML 13Page - STMicroelectronics AN4396 Datasheet HTML 14Page - STMicroelectronics AN4396 Datasheet HTML 15Page - STMicroelectronics AN4396 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Harvesting module connectors
AN4396
12/19
DocID025514 Rev 1
–
SOURCE, PV+: Harvesting source current sensing pin.
If the power monitoring board is used, then the jumper J5 must be left open;
otherwise pins 1 and 2 of the J5 must be shorted.
–
VBATT+, VBATT_OUT: Battery current sensing pin.
If the power monitoring board is used, then the jumper J6 must be left open;
otherwise pins 1 and 2 of the J6 must be shorted.
–
SUPPLY_SFH5711: Power supply of the ambient light sensor pin (placed on the
top side of the board).
–
AMBIENT_LIGHT, AMBIENT_LIGHT_PIN: Ambient light current sensing pin.
If the power monitoring board is used, then the jumper J7 must be left open.
–
GND: Ground pin.
Table 4. J27 connector
J27 pin number
1 - 2
3 - 4
5 - 6
7 - 8
9 - 10
11 - 12
13 - 14
15 - 16
Signal
SOURCE PV+ Vbatt+ VBATT_OUT
SUPPLY_
SFH5711
AMBIENT_
LIGHT_PIN
AMBIENT_
LIGHT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19