Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4396 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN4396
Description  The STEVAL-ISV021V1 is a demonstration kit which consists
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4396 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN4396 Datasheet HTML 10Page - STMicroelectronics AN4396 Datasheet HTML 11Page - STMicroelectronics AN4396 Datasheet HTML 12Page - STMicroelectronics AN4396 Datasheet HTML 13Page - STMicroelectronics AN4396 Datasheet HTML 14Page - STMicroelectronics AN4396 Datasheet HTML 15Page - STMicroelectronics AN4396 Datasheet HTML 16Page - STMicroelectronics AN4396 Datasheet HTML 17Page - STMicroelectronics AN4396 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Harvesting module and power monitoring board
AN4396
14/19
DocID025514 Rev 1
5
Harvesting module and power monitoring board
The harvesting module can be used both: as a standalone device or with the power
monitoring board.
In the standalone mode, leave the CN1 open and connect the jumpers as described below:
Close pins 2 - 3 of the J4 and close pins 1 - 2 of the J5 in order to supply the SPV1050
device by the on-board PV panel.
Close pins 1 - 3 of the J6 in order to connect the on-board battery.
Figure 5. Jumper configuration for harvester module in stand-alone mode
It is possible to monitor the system behavior and efficiency by following the listed steps:
Place a voltmeter between pins 1 - 2 of the CN1 (VIN)
Replace the short on the J5 by an ammeter (IIN)
Place a voltmeter between the TP16 and TP8 (VBATT)
Replace the short on the J6 by an ammeter (IBATT)
The STEVAL-ISV021V1 kit includes the power monitoring board, and the related GUI which
runs on the Windows® XP and Windows 7 OSs.
The power monitoring board and the related GUI allow a quick and intuitive way to monitor
the system performances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19